Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download TP1H3KSBK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tactile Switches
Standard 6 x 6 mm Tactile Switches
1.70 O3.50 O3.50 0.50 MAX
TP1H1: 0.5 MAX TP1H2~TP1H6: 0.6 MAX Round Stem
TP1 Series
4.30
7.30
3.50
3.50
TP1H44: 1.6 TP1H48: 2.0
H
6.20
TP1H44: 2.4 TP1H48: 2.8
CIRCUIT DIAGRAM
4.30
4.500.1 4.50
1.80 -0.5
1.80 -0.5
+0
+0
0.3
0
0.3
0
6.500.50 7.900.50
3.500.50
3.500.50
6.500.50 7.900.50
P.C.B. LAYOUT 6.500.1
Round Stem
Square Stem for Caps
0.70
Round Stem
15
Square Stem Round Stem
Square Stem
TP1H THT Terminals
Tactile Switches
9.50 4.30 0.50 MAX 0.50 MAX 1.70 6.20 O3.50 O3.50 1.500.25 0.200.10 3.50 6.40 4.50 1.30 0.70 4.50
TP1S44: 2.4 TP1S48: 2.8 TP1S44: 1.6 TP1S48: 2.0
7.30
0.70-0.2
0~10
9.0
9.0
Round Stem
Square Stem for Caps
0.200.10
0~10
3.50
4.30
H
+0.3
P.C.B. LAYOUT
CIRCUIT DIAGRAM
Square Stem Round Stem Square Stem
TP1S SMT Terminals
B` A A`
B` A 2.45 A`
R25 B O4.50 2.45
3.10 O4.50 FULL R0.3 2.50 1.80 5.50 1.70 1.70 B 4.00 2.45
3.10 4.00
FULL R0.3 2.50 1.80 5.50 SEC B-B`
1.35
1.00
1.00 SEC B-B`
K06R Round Caps
SEC A-A`
K06S Square Caps
SEC A-A`
How to order:
1 2 3 4 5 6 7
(Caps)
General Specifications:
TP1
1
+
5
MATERIALS Contact Disc: Phosphor Bronze with silver cladding Terminal: Brass with silver plated MECHANICAL Stroke: 0.25 (+0.2/-0.1) mm Operation Temperature: -25C to +70C Storage Temperature: -30C to +80C ELECTRICAL Electrical Life (Phosphor Bronze Dome): 50,000 cycles for 320gf, 520gf 100,000 cycles for 260gf 200,000 cycles for 100gf, 160gf Electrical Life (Stainless Steel Dome): 300,000 cycles for 320gf, 520gf 500,000 cycles for 260gf 1,000,000 cycles for 100gf, 160gf Rating: 50mA, 12VDC Contact Arrangement: 1 pole 1 throw LEADFREE SOLDERING PROCESSES Wave Soldering: Recommended solder temperature at 260C max. 5 seconds subject to PCB 1.6mm thickness (for THT). Reflow Soldering: When applying reflow soldering, the peak temperature or the reflow oven should be set to 260C max. 10 seconds max. (for SMT).
H S
TYPE OF TERMINALS: THT SMT
BK TB TR
PACKAGE STYLE: Bulk Pack Tube (TP1S, TP1H1 & TP1H2 only) Tape & Reel (TP1S only)
2 DIMENSION "H": 1 H=4.3mm (Round Stem) 2 H=5.0mm (Round Stem) 3 H=7.0mm (Round Stem) 44 H=7.3mm (Square Stem 2.4mm) 48 H=7.3mm (Square Stem 2.8mm) 5 H=9.5mm (Round Stem) 6 H=13.0mm (Round Stem) Individual stem heights available by request 3
Optional:
6
K06S K06R
7
CAP TYPE (Only for Square Stems): Square Caps Round Caps COLOR OF CAPS: Black Ivory Red Yellow Green Blue Gray Salmon
A K C J E
4
Blank
STEM COLOR & OPERATING FORCE: Black & 10050gf Brown & 16050gf Red & 26050gf Salmon & 32080gf Yellow & 520130gf MATERIAL OF DOME: Phosphor Bronze Dome Stainless Steel Dome
S
A B C E F G H S
General Tolerance: 0.2 mm
E01
sales@greatecs.com
www.greatecs.com
1.35
O1.00.05
Tactile Switches
Standard 6 x 6 mm Tactile Switches
MATERIAL Base: Cover: Stem: UL94V-0 Nylon Thermoplastic (TP1H) UL94V-0 Nylon High-Temp. Thermoplastic (TP1S) Stainless steel UL94V-0 Nylon Thermoplastic (TP1H) UL94V-0 Nylon High-Temp. Thermoplastic (TP1S) Color: Black(100gf) , Brown(160gf) , Red(260gf) , Salmon(320gf) , Yellow(520gf) Phosphor bronze with silver cladding (TP1H) Stainless Steel (TP1S) Brass with silver plated
TP1 Series
Contact Disc: Terminal:
Tactile Switches
ADDITIONAL ELECTRICAL SPECIFICATIONS Contact Resistance: Insulation Resistance: Dielectric Strength: 100m max. 100M min. 500VDC 250 VAC / 1 minute
SOLDERING PROCESS
TP1H: WAVE SOLDERING: Recommended solder temperature at 500F(260)max. 5 seconds subject to PBC 1.6mm thickness ( For through hole type ) Hand soldering: Use a soldering iron of 30 watts controlled at 350C approximately max 5 seconds while applying solder. TP1S: HAND SOLDERING : Use a soldering iron of 30 watts, controlled at 350 approximately 5 seconds while applying solder. REFLOW SOLDERING: When applying reflow soldering, the peak temperature or the reflow oven should be set to 260C max. Reflow Temperature Profile: (reference)
PACKING UNIT
Partnumber TP1H_ _BK No. / Bag 1000 Partnumber TP1H1_TB TP1H2_TB TP1S1_TB TP1S2_TB TP1S3_TB TP1S44_TB TP1S48_TB TP1S5_TB TP1S6_TB No. / Tube 77 77 77 77 77 77 77 77 77 Partnumber TP1S1_TR TP1S2_TR TP1S3_TR TP1S44_TR TP1S48_TR TP1S5_TR No. / Reel 1000 900 700 500 500 380
sales@greatecs.com
www.greatecs.com


▲Up To Search▲   

 
Price & Availability of TP1H3KSBK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X